Part Number Hot Search : 
KBPC3 1881626 MC9S1 LM348 LC72191M SP6832 2SB1212 1N4749A
Product Description
Full Text Search
 

To Download BTNA44M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
www..com
Spec. No. : C210M3-H Issued Date : 2003.06.12 Revised Date : Page No. : 1/4
High Voltage NPN Epitaxial Planar Transistor
BTNA44M3
Features
* High breakdown voltage. (BVCEO = 400V) * Low saturation voltage, typically VCE(sat) = 0.1V at IC/IB=10mA/1mA. * Complementary to BTPA94M3
Symbol
BTNA44M3
Outline
SOT-89
BBase CCollector EEmitter
BCE
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd RJA Tj Tstg Limit 400 400 6 300 600 208 150 -55~+150 Unit V V V mA mW C/W C C
BTNA44M3
CYStek Product Specification
CYStech Electronics Corp.
www..com
Spec. No. : C210M3-H Issued Date : 2003.06.12 Revised Date : Page No. : 2/4
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) 1 *VCE(sat) 2 *VCE(sat) 3 *VBE(sat) hFE 1 hFE 2 *hFE 3 *hFE 4 fT Cob Min. 400 400 6 40 52 45 40 20 Typ. 0.1 Max. 10 10 0.4 0.5 0.75 1.5 270 7 Unit V V V A A V V V V MHz pF Test Conditions IC=50A, IE=0 IC=1mA, IB=0 IE=50A, IC=0 VCB=400V, IE=0 VEB=6V,IC=0 IC=1mA, IB=0.1mA IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10mA, IB=1mA VCE=10V, IC=1mA VCE=10V, IC=10mA VCE=10V, IC=50mA VCE=10V, IC=100mA VCE=10V, IC=10mA, f=100MHz VCB=20V, f=1MHz
*Pulse Test : Pulse Width 380s, Duty Cycle2%
Classification Of hFE 2
Rank Range K 52~120 P 82~180 Q 120~270
BTNA44M3
CYStek Product Specification
CYStech Electronics Corp.
www..com
Spec. No. : C210M3-H Issued Date : 2003.06.12 Revised Date : Page No. : 3/4
Characteristic Curves
Current Gain vs Collector Current 1000 HFE@VCE=10V Current Gain---HFE 10000 Saturation Voltage-(mV) VCESAT@IC=10IB 1000 Saturation Voltage vs Collector Current
100
100
10 0.1 1 10 100 1000 Collector Current ---IC(mA)
10 0.1 1 10 100 1000 Collector Current ---IC(mA)
Saturation Voltage vs Collector Current 10000 Saturation Voltage-(mV)
Power Dissipation---PD(mW) 700 600
Power Derating Curve
VBESAT@IC=10IB
500 400 300 200 100 0
1000
100 0.1 1 10 100 1000 Collector Current--- IC(mA)
0
50
100
150
200
Ambient Temperature---TA( )
BTNA44M3
CYStek Product Specification
CYStech Electronics Corp.
www..com
Spec. No. : C210M3-H Issued Date : 2003.06.12 Revised Date : Page No. : 4/4
SOT-89 Dimension
A
Marking:
1
2
C
3
44
H
B
D
Style: Pin 1. Base 2. Collector 3. Emitter
E F G
I
3-Lead SOT-89 Plastic Surface Mounted Package CYStek Package Code: M3
*: Typical
DIM A B C D E
Inches Min. Max. 0.1732 0.1811 0.1594 0.1673 0.0591 0.0663 0.0945 0.1024 0.01417 0.0201
Millimeters Min. Max. 4.40 4.60 4.05 4.25 1.50 1.70 2.40 2.60 0.36 0.51
DIM F G H I
Inches Min. Max. 0.0583 0.0598 0.1165 0.1197 0.0551 0.0630 0.0138 0.0161
Millimeters Min. Max. 1.48 1.527 2.96 3.04 1.40 1.60 0.35 0.41
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTNA44M3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTNA44M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X